PART |
Description |
Maker |
AS7C33256FT32_36A AS7C33256FT32_36A.V1.1 AS7C33256 |
3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 8.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 36 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 256K x 32/36 Flow-through synchronous SRAM 256K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 24Vz 10.5mA-Izt 0.05 5uA-Ir 18.2Vr DO41-GLASS 5K/AMMO From old datasheet system Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC
|
AS7C3256PFS18A-4TQC AS7C3256PFS16A-4TQC AS7C3256PF |
3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 3.8 ns, PQFP100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz
|
Alliance Semiconductor, Corp. ALLIANCE SEMICONDUCTOR CORP
|
LH51V2008JS-70LL LH51V2008JY-70LL |
256K X 8 STANDARD SRAM, 70 ns, PDSO32 8 X 13.40 MM, 0.50 MM PITCH, TSOP1-32 256K X 8 STANDARD SRAM, 70 ns, PBGA32 6 X 10 MM, FBGA-32
|
Sharp Electronics, Corp.
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
AS5SS256K36ADQ-8.5/883C |
256K x 36 SSRAM Flow-Through, Synchronous Burst SRAM 256K X 36 STANDARD SRAM, 8.5 ns, PQFP100
|
Austin Semiconductor, Inc
|
CY62146CV18 CY62146CV18LL-55BAIT CY62146CV18LL-70B |
256K X 16 STANDARD SRAM, 70 ns, PBGA48 256K X 16 STANDARD SRAM, 55 ns, PBGA48 256K x 16 Static RAM
|
CYPRESS SEMICONDUCTOR CORP
|
AS7C4098 AS7C34098-15TC AS7C34098-15TCN AS7C34098- |
High Speed CMOS Logic Quad 2-Input Schmitt-Triggered NAND Gates 14-SOIC -55 to 125 5V/3.3V 256K x 16 CMOS SRAM 5V/3.3V 256K × 16 CMOS SRAM 5V/3.3V 256K x 16 CMOS SRAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44 5V/3.3V 256K x 16 CMOS SRAM 256K X 16 STANDARD SRAM, 15 ns, PDSO44 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-SSOP -40 to 85 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Replaced by SN74LV240A : Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 SRAM - 5V Fast Asynchronous
|
ALLIANCE MEMORY INC Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
|